Part Number Hot Search : 
P6SMB91 12050 KB357NT Y5DU56 MUR890 MBR5200D MC74HC1 00JTR
Product Description
Full Text Search
 

To Download APTD3216SYC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 3.2x1.6mm SMD CHIP LED LAMP
P/N: APTD3216SYC
SUPER BRIGHT YELLOW
Features
3.2mmX1.6mm SMT LED, 1.8mm THICKNESS. LOW POWER CONSUMPTION. WIDE VIEWING ANGLE. IDEAL FOR BACKLIGHT AND INDICATOR. VARIOUS COLORS AND LENS TYPES AVAILABLE. MOISTURE SENSITIVITY LEVEL : LEVEL 3. PACKAGE: 2000PCS / REEL . RoHS COMPLIANT.
Description
The Super Bright Yellow device is made with DH InGaAlP (on GaAs substrate) light emitting diode chip.
Package Dimensions
Notes: 1. All dimensions are in millimeters (inches). 2. Tolerance is 0.2(0.0079") unless otherwise noted. 3. Specifications are subject to change without notice.
SPEC NO: DSAD1049 APPROVED: J. Lu
REV NO: V.6 CHECKED: Allen Liu
DATE: APR/29/2006 DRAWN: H.Q.YUAN
PAGE: 1 OF 5 ERP:1203002308
Selection Guide
Part No. Dice Lens Type Iv (mcd) [2] @ 20mA Min. APTD3216SYC SUPER BRIGHT YELLOW (InGaAIP) WATER CLEAR 110 Typ. 300 Viewing Angle [1] 21/2 50
Notes: 1.1/2 is the angle from optical centerline where the luminous intensity is 1/2 the optical centerline value. 2. Luminous intensity/ luminous Flux: +/-15%.
Electrical / Optical Characteristics at TA=25C
Symbol peak D[1] 1/2 C VF[2] IR Parameter Peak Wavelength Dominant Wavelength Spectral Line Half-width Capacitance Forward Voltage Reverse Current Device Super Bright Yellow Super Bright Yellow Super Bright Yellow Super Bright Yellow Super Bright Yellow Super Bright Yellow Typ. 590 588 28 25 2.0 2.5 10 Max. Units nm nm nm pF V uA Test Conditions IF=20mA IF=20mA IF=20mA VF=0V;f=1MHz IF=20mA VR = 5V
Notes: 1.Wavelength: +/-1nm. 2. Forward Voltage: +/-0.1V.
Absolute Maximum Ratings at TA=25C
Parameter Power dissipation DC Forward Current Peak Forward Current [1] Reverse Voltage Operating/Storage Temperature
Note: 1. 1/10 Duty Cycle, 0.1ms Pulse Width.
Super Bright Yellow 75 30 150 5 -40C To +85C
Units mW mA mA V
SPEC NO: DSAD1049 APPROVED: J. Lu
REV NO: V.6 CHECKED: Allen Liu
DATE: APR/29/2006 DRAWN: H.Q.YUAN
PAGE: 2 OF 5 ERP:1203002308
Super Bright Yellow
APTD3216SYC
SPEC NO: DSAD1049 APPROVED: J. Lu
REV NO: V.6 CHECKED: Allen Liu
DATE: APR/29/2006 DRAWN: H.Q.YUAN
PAGE: 3 OF 5 ERP:1203002308
APTD3216SYC
Recommended Soldering Pattern (Units : mm)
Tape Specifications (Units : mm)
Note: Tolerance is 0.25 unless otherwise noted.
SPEC NO: DSAD1049 APPROVED: J. Lu
REV NO: V.6 CHECKED: Allen Liu
DATE: APR/29/2006 DRAWN: H.Q.YUAN
PAGE: 4 OF 5 ERP:1203002308
PACKING & LABEL SPECIFICATIONS
APTD3216SYC
SPEC NO: DSAD1049 APPROVED: J. Lu
REV NO: V.6 CHECKED: Allen Liu
DATE: APR/29/2006 DRAWN: H.Q.YUAN
PAGE: 5 OF 5 ERP:1203002308


▲Up To Search▲   

 
Price & Availability of APTD3216SYC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X